Part Number Hot Search : 
5253B 12GR5S PSB2115F NC7NZ04 UPG2053K 10241 UERP20D C3026
Product Description
Full Text Search
 

To Download SR71010A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
TM TM
SR71010A
MIPS64 SUPERSCALAR MICROPROCESSOR
ENGINES FOR THE DIGITAL AGE
The SR71010A is a true 2-way superscalar MIPS64
TM
microprocessor with a 9-stage pipeline designed for high performance applications such as networking, image processing and internet servers. The highly efficient architecture can operate up to a maximum frequency of 600MHz, and includes dual instruction fetch, up to 6-issue, up to 6-execute, and dual-commit, to sustain an instruction throughput rate of 2 instructions per cycle. Instruction execution efficiency is maximized for the deep pipeline by including sophisticated branch prediction techniques, that keep the pipeline fully utilized. The SR71010A also maximizes system per formance and reduces system cost with integrated on-chip 512 KByte L2 cache, L3 cache controller and L3 cache tags.
The SR71010A is a fully static design with dynamic power saving features that minimize power consumption. The high performance system interface, which is fully compatible to R4xxx/5xxx/7xxx SysAD interface, can operate up to 133MHz with split transactions and out- of- order return. The SR71010A includes a high - per formance floating point unit (FPU) that is fully MIPS64 compliant. The FPU is decoupled from the integer pipeline enabling autonomous integer and floating point operations.
iTLB
PC gen i-cache decode
BHT
buffer
SysAD & L3 Interface
register file dispatch
FP reg file dispatch
BRU
ALUx
ALUy
LD/ST
dTTB
MOV TB
LOAD
MATH
MACC Dcache
L2 cache
L3 tags
SR71010A Architecture Block Diagram
High performance architecture * Fully MIPS64 Instruction Set Architecture (ISA) compliant
True 2-way superscalar architecture * Dual fetch, dual dispatch, up to 6-issue, up to 6-execute, dual-commit * Maximum operation rate of pipeline: 2 instructions per cycle * Out-of-order issue and dispatch * In-order retires 9-stage pipeline for high clock frequency * Optimized pipeline bypass architecture for minimizing instruction interdependent stalls Intelligent dynamic branch prediction * Bi-modal 3Kbit table, Branch predictor * Keeps pipeline full and minimizes branch mis-predict penalties * Speculative execution down predicted paths * Maximizes sustainable performance
Low power consumption * Fully static design * Clock enabled registers for improved power management * Dynamic activation of sense amps. in caches High-performance system interface * Compatible with R4xxx/5xxx/7xxx SysAD interface * 133 MHz with split transactions and out-of-order return High-performance floating point TM * Fully MIPS64 compliant * IEEE - 754 compatible * Decoupled from Integer pipeline
Extended features: * 10 interrupts, 64 dual-entry TLB * Variable page sizes from 4 KBytes to 256 MBytes * JTAG interface compatible with IEEE 1149.1
Cache Hierarchy Primary Instruction Cache - (L1) * 32 KB, 32 byte line * 4-way set associative * Line Locking Primary Data Cache - (L1) * 32 KB, 32 byte line * 4-way set associative * Line Locking * Write Back, Write Through (Write-Allocate/No-Write-Allocate), Bypass L2-L3 Secondary Unified Cache - (L2) 512 KB on chip 8-way set associative 32-byte line, line locking
* * *
Tertiary cache - (L3) * On-chip tag rams supporting: * 2, 4, 8, or 16 MB external cache * 8-way set associative * 32 byte line, line locking
ENGINES FOR THE DIGITAL AGE
www..com
TM
www..com SA ND CR SR AF 71 01 T 0
A
TM
TM TM
SR71010A
MIPS64 SUPERSCALAR MICROPROCESSOR
ENGINES FOR THE DIGITAL AGE
SR71010A Core frequency Instruction cache Data cache L2 cache L3 TAG L3 cache Package 32 KByte 32 KByte 512 KByte On-chip Up to 16 MByte 256TBGA 304 TBGA
-
450
&
600
Mhz
450MHz & 600 Mhz Interface bus width Interface bus frequency Process Core VCC I/O VCC 64-bit Up to 133 MHz 0.15um 1.6V - 1.8V 2.5V or 3.3V
S
R
7
1
0
1
0
A
-
X
X
CPU Speed
X
-
X
T
SandCraft Designator
Package Package Size Type
DEVELOPMENT TOOLS Compilers: Operating systems: RedHat (Cygnus) Wind River: Vxworks RedHat: Linux Simulation tools: Development boards: CONTACT US SandCraft, Inc. 3003 Bunker Hill Lane Suite 101 Santa Clara, CA 95054
MIPS64TM is a trademark of MIPS
APPLICATIONS Internet * Storage servers * Web servers Image processing * Copiers * Printers Networking * Access * Routers * Switches Workstations
SandCraft, Marvell SandCraft SandCraft, Marvell
www.sandcraft.com Phone: (408) 490-3200 FAX: (408) 490-3111 Email: sales@sandcraft.com
Copyright (c) 2002 SandCraft rev 2 0
ENGINES FOR THE DIGITAL AGE
TM
SA
SR
ND
71
01
CR
0A
AF
T
TM


▲Up To Search▲   

 
Price & Availability of SR71010A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X